PART |
Description |
Maker |
REC3-123.3DRW4CM REC3-123.3DRWH6 REC3-123.3DRWH4 R |
3 Watt DIP24 & SMD Single & Dual Output 3 Watt DIP24 & SMD Single & Dual Output 3瓦特DIP24
|
RECOM Power Inc. RECOM Electronic GmbH
|
REC5-123.3SRWH4 REC5-483.3SRWZ_H6 REC5-1205SRW_H4 |
5 Watt DIP24 / SMD Single & Dual Output 5瓦特DIP24 /贴片 COAXIAL TEST S RoHS Compliant: Yes 5瓦特DIP24 /贴片 Standoff; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 5 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC2.2-483.3SRWZ_H1 REC2.2-0505DRW_H1 REC2.2-0505D |
2.2 Watt DIP24 Single & Dual Output 2.2瓦特DIP24 2.2 Watt DIP24 Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP08-1205DASMD RP08-1212SASMD RP08-1205SASMD RP08- |
8 Watt DIP24 & SMD, Single & Dual Output
|
RECOM Power Inc.
|
REC2.2-123.3SRH1M REC2.2-053.3SR REC2.2-053.3SRH1 |
2.2 Watt DIP24 & SMD Single & Dual Output
|
RECOM[Recom International Power]
|
RP08-2405SAWSMD RP08-483.3SAWSMD RP08-2405DAW RP08 |
8 Watt DIP24 & SMD, Single & Dual Output
|
Recom International Pow... RECOM[Recom International Power]
|
REC5-483.3SRWH3AM REC5-243.3SRWH2AMSMD REC5-123.3S |
5 Watt DIP24 & SMD Single & Dual Output
|
Recom International Pow... RECOM[Recom International Power]
|
RQD-1.805 RQS RQS-93.3 RQD-1.809 RQD-1.81.8 RQD-1. |
0.25 Watt SMD Single & Dual Output N-Channel Small Signal MOSFETs (20V
800V); Package: PG-SOT23-3; Package: SOT-23; VDS (max): 55.0 V; RDS (on) (max) (@10V): 650.0 mOhm; RDS (on) (max) (@4.5V): 825.0 mOhm; RDS (on) (max) (@2.5V): -; 0.25 Watt SMD Single & Dual Output 0.25瓦特贴片 CAP Tantalum-Wet Miniature 6V 22.0 uF /-20% Silver can Axial , TPC - Hilton 0.25瓦特贴片
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RP30-242.5SE RP30-241.8SE RP30-122.5SE RP30-121.8S |
Intelligent Power Modules (IPM) CIPOS™; Package: PG-MSIP-20; 20 Watt Single & Dual Output 20瓦单 20 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|